Part Number Hot Search : 
ZMM52 IRFZ4 O27NS05D D3224 FC121 8B45CD C1200 AO3401
Product Description
Full Text Search
 

To Download EPC1007H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1007P & EPC1007H
Features 75 % Typical efficiency at full load @ nominial input voltage Unregulated Output Input / Output Isolation Input filter to reduce input ripple current Designed for low common mode noise
Electrical Specifications
PCA P/N EPC1007P EPC1007H STD PKG E E1 Optional Packages E-G*, F2,N,
*Note : Package with G = Surface Mount Device, : E1,E1-G,E4,E4-G,E11,Q,Q1, N4-G Input Voltage V 5.0 5.0 Output Output Current Voltage V mA Max. 9 5% 9 5% 200 Max. 200 Max. Output Ripple & Noise @ 20 MHz BW mV p-p 100 Max. 100 Max. Isolation Vrms 500 2000
E1-G*,E11,N,Q1, N4
Pin Connections for E**
V in+ 24 V o15 V o+ 14 V in13
Pin Connections for E1
V in24 23 N/C 13 to 16
Pin Connections for E4
V in+ 24 N/C 23 & 22 V o- V o+ 15 14 V in13
Pin Connections for F2
1 V in+ 1 V in+ 10 V o11 V o+ 12 V in1 V in+ 2 9 10 V o11 V o+ 12 1 V in+ 2&3 N/C 10 11 12 V in-
2
3
9
10
11
12
N/C
N/C V o- V o+ V in-
V o- V o+
PACKAGE E
White Dot Pin 1 PCA EPC1007P Date Code 5V 9V 1.300 Max. .020 Typ.
PAD LAYOUT
.100 .090 .740
Suggested Pad Layout
.585 Max. **Pin 4 removed Pins 2-9 & 16-23 not connected .375 Max .125 Min. .008 .012 .635 Typ.
.018 Typ.
.040
1.100 .100 Typ.
PACKAGE E1
White Dot Pin 1 PCA EPC1007H Date Code 5V 9V 1.300 Max.
PACKAGE E1-G
White Dot Pin 1 PCA EPC1007HE1G Date Code .585 Max. +5V -9V 1.30 Max.
.585 Max.
.020 Typ.
.375 Max .125 Min. .008 .012 .635 Typ.
.35 Max 1.100 .020 Typ.
.010 Typ.
.018 Typ.
1.100 .100 Typ.
.050 .100 Typ.
.600 .700 Typ.
DSC1007
Rev. 1
4/8/99
QAF-CSO6 Rev. B
9/9/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EPC1007H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X